PART |
Description |
Maker |
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
WWTOP72-ES |
WorkWise Standing Desk Top, 72 x 30 in., Espresso
|
Tripp Lite. All Rights ...
|
A9230-D |
13.56MHz Desk-Top Reader System
|
AMIC Technology
|
WWTOP60-ESC |
WorkWise Standing Desk Top, 60 x 30 in., Espresso, Contoured
|
Tripp Lite. All Rights ...
|
SPU60-105-1 SPU60-101 SPU60-102 SPU60-103 SPU60-10 |
60W Desk Top Switching Power Supplies For I.T.E.
|
Volgen Kaga Electronics Inc.
|
VE50-1500 VE50-2400 VE50-1200 |
AC-DC POWER SUPPLIES 50 WATTS DESK TOP AC ADAPTER
|
Power Systems GmbH Co.KG
|
SPU65-300 SPU65-301 SPU65-302 SPU65-303 SPU65-304 |
80W Desk Top Switching Power Supplies For I.T.E.
|
Volgen Kaga Electronics Inc.
|
MPU50 MPU50-100 MPU50-103 MPU50-102 MPU50-105 MPU5 |
50W Desk Top Switching Power Supplies For Medical Equipment.
|
MPS Industries, Inc.
|
MPU15C-103 MPU15C-102 MPU15C-109 |
15W Desk Top Switching Power Supplies For Medical Equipment.
|
MPS Industries, Inc.
|
SPU20B SPU20B108 SPU20B109 SPU20B111 SPU20B201 SPU |
20W Desk Top Switching Power Supplies For I.T.E SPU20B SERIES
|
Astrodyne Corporation MPS Industries, Inc.
|
MPU63-106 MPU63-107 |
63W Desk Top Swithching Power Supplies For Medical Equipment.
|
MPS Industries, Inc.
|
MPU60A-105 MPU60A-106 MPU60A-107 MPU60A-108 MPU60A |
763W Desk Top Swithching Power Supplies For health Care Applications
|
MPS Industries, Inc.
|